Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4253 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4253
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4253 Datasheet HTML 1Page - Infineon Technologies AG TLE4253 Datasheet HTML 2Page - Infineon Technologies AG TLE4253 Datasheet HTML 3Page - Infineon Technologies AG TLE4253 Datasheet HTML 4Page - Infineon Technologies AG TLE4253 Datasheet HTML 5Page - Infineon Technologies AG TLE4253 Datasheet HTML 6Page - Infineon Technologies AG TLE4253 Datasheet HTML 7Page - Infineon Technologies AG TLE4253 Datasheet HTML 8Page - Infineon Technologies AG TLE4253 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLE4253
Pin Configuration
Data Sheet
4
Rev. 1.2, 2009-11-09
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration and Block Diagram
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1Q
Tracker Output.
Block to GND with a capacitor close to the IC terminals, respecting capacitance and ESR
requirements given in the table “Functional Range”.
2, 3, 6, 7
GND
Ground reference (version TLE4253GS only).
Interconnect the pins on PCB. Connect to heatsink area.
6GND
Ground (version TLE4253E only).
Connect to exposed pad.
2, 3, 7
n. c.
Not connected (version TLE4253E only).
Connect to GND externally.
4FB
Feedback input for tracker.
Non inverting input of the internal error amplifier to control the output voltage.
Connect this pin directly to the output pin in order to obtain lower or equal output voltages
with respect to the reference voltage and connect a voltage divider for higher output
voltages than the reference (see application information).
5EN/ADJ
Adjust / Enable.
Connect the reference to this pin. The active high signal of the reference turns on the
device, with active low the tracker is disabled. The reference voltage can be connected
directly or by a voltage divider for lower output voltages (see application information).
8I
Input.
IC supply. For compensating line influences, a capacitor close to the IC terminals is
recommended.
–EP
Exposed pad (version TLE4253E only).
Attach the exposed pad on package bottom to the heatsink area on circuit board.
Connect to GND.
GND
GND
GND
FB
EN/ADJ
I
Q
4
3
2
1
TLE4253GS
GND
5
6
7
8
n. c.
n. c.
GND
FB
EN/ADJ
I
Q
4
3
2
1
TLE4253E
n. c.
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com