Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4253 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4253
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4253 Datasheet HTML 12Page - Infineon Technologies AG TLE4253 Datasheet HTML 13Page - Infineon Technologies AG TLE4253 Datasheet HTML 14Page - Infineon Technologies AG TLE4253 Datasheet HTML 15Page - Infineon Technologies AG TLE4253 Datasheet HTML 16Page - Infineon Technologies AG TLE4253 Datasheet HTML 17Page - Infineon Technologies AG TLE4253 Datasheet HTML 18Page - Infineon Technologies AG TLE4253 Datasheet HTML 19Page - Infineon Technologies AG TLE4253 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TLE4253
Application Information
Data Sheet
16
Rev. 1.2, 2009-11-09
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
The application circuits shown are simplified examples. The function must be verified in the real application.
Figure 3
Application circuit: Output voltage
V
Q equal to reference voltage VREF
Figure 3 shows the typical schematic for applications where the tracker output voltage equals the reference
voltage
V
REF applied to the pin “EN/ADJ”. The pin “FB” is connected directly to the output. The reference voltage
is directly applied “EN/ADJ”.
ADJ
IFB
Q
EN/
GND
TLE 4253 G
8
2, 3, 6, 7
5
4
1
µC, e.g. C167
VDD
I/O
Main µC supply, e.g.
TLE4271-2
TLE4278
TLE4470
etc.
IQ
GND
VBAT
e.g. off board
supply,
sensors
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com