Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4254EJS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4254EJS
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254EJS Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4254EJS Datasheet HTML 1Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 2Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 3Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 4Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 5Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 6Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 7Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 8Page - Infineon Technologies AG TLE4254EJS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Type
Package
Marking
TLE4254GA
PG-DSO-8
4254GA
TLE4254GS
PG-DSO-8
4254GS
TLE4254EJ A
PG-DSO-8 exposed pad
4254EJA
TLE4254EJ S
PG-DSO-8 exposed pad
4254EJS
PG-DSO-8
PG-DSO-8 exposed pad
Data Sheet
1
Rev. 1.2, 2009-11-18
High Accuracy Low Dropout Voltage Tracking
Regulator
TLE4254
1Overview
Features
70 mA output current capability
Very tight output tracking tolerance to reference
Output voltage adjustable down to 2.0 V
Stable operation with 1 µF ceramic output capacitor
Flexibility of output voltage adjust higher or lower than reference,
proportional to the reference voltage (version GA / EJ A)
Status output to indicate short circuits at the output (version GS / EJ S)
Very low dropout voltage of typ. 0.2 V @ maximum output current
Combined reference / enable input
Very low current consumption in OFF mode
Wide input voltage range -20 V
VI ≤ +45 V
Wide temperature range: -40 °C
Tj ≤ 150 °C
Output protected against short circuit to GND and battery
Input protected against reverse polarity
Overtemperature protection
Green product (RoHS compliant)
AEC qualified
Functional Description
The TLE4254 is a monolithic integrated low-dropout voltage tracking regulator with high accuracy in small PG-
DSO-8 packages. The IC is designed to supply off-board systems, e. g. sensors in powertrain management
systems under the severe conditions of automotive applications. Therefore, the IC is equipped with additional
protection functions against reverese polarity and short circuit to GND and battery.
With supply voltages up to 40 V, the output voltage follows a reference voltage applied at the adjust input with very
high accuracy. The reference voltage applied directly to the adjust input or by an e. g. external resistor divider can
be 2.0 V at minimum.
The output is able to drive loads up to 70 mA while the device follows with high accuracy the e. g. 5 V output of a
main voltage regulator acting as reference.


Similar Part No. - TLE4254EJS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
TLE4250-2G INFINEON-TLE4250-2G Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4251 INFINEON-TLE4251 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
More results

Similar Description - TLE4254EJS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
Dual Tracking Low-Dropout System Regulator
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
logo
Analog Devices
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
High Accuracy, Ultralow I Low Dropout Regulator
REV. B
logo
ON Semiconductor
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com