Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5011 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG TLE5011 Datasheet HTML 21Page - Infineon Technologies AG TLE5011 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
TLE5011
Specification
Final Data Sheet
18
V2.0, 2011-03
Offset Definition
The offset of the X and Y signals is defined as the mean value between the signed maximum and minimum values
of the idealized sine or cosine wave.
Amplitude Definition
The amplitude is defined as half the difference between the signed maximum and minimum values of the idealized
sine or cosine wave.
Temperature-dependent behavior
The temperature offset gradients for both channels depend on the value at 25°C. The gradients can be calculated
using the following linear equations:
O
X25, OY25: Offset values at 25°C in digits.
The application note “TLE5011 Calibration” describes in chapter 2.3, how to determine the coefficients (KT
OX,
KT
OY).
Orthogonality Definition
The corresponding maximum and zero-crossing points of the SIN and COS signals do not occur at the precise
distance of 90°. The difference between X and Y phase is called the orthogonality error
.
ϕ
ideal = 0°
ϕ
X: Phase error of X (= cos) signal
ϕ
Y: Phase error of Y (= sin) signal
O
X
X
MAX
X
MIN
+
2
---------------------------------
=
O
Y
Y
MAX
Y
MIN
+
2
---------------------------------
=
A
X
X
MAX
X
MIN
–
2
---------------------------------
=
A
Y
Y
MAX
Y
MIN
–
2
--------------------------------
=
KT
OX
tco_d_x
tco_k_x
O
X25
×
()
+
=
KT
OY
tco_d_y
tco_k_y
O
Y25
×
()
+
=
ϕϕ
X
ϕ
Y
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com