Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5205-2GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE5205-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5205-2GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE5205-2GP Datasheet HTML 1Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 2Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 3Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 4Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 5Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 6Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 7Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 8Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TLE 5205-2
Overview
Data Sheet
3
Rev. 1.1, 2007-07-31
1.3
Pin Definitions and Functions
Pin No.
P-TO220
Pin No.
P-DSO
Symbol
Function
17
OUT1
Output of Channel 1; Short-circuit protected;
integrated freewheeling diodes for inductive loads.
28
EF
Error Flag; TTL/CMOS compatible output
for error detection; (open drain)
39
IN1
Control Input 1;
TTL/CMOS compatible
4
1, 10,
11, 20
GND
Ground;
internally connected to tab
512
IN2
Control Input 2;
TTL/CMOS compatible
66, 15
V
S
Supply Voltage; block to GND
714
OUT2
Output of Channel 2; Short-circuit protected;
integrated freewheeling diodes for inductive loads.
–
2, 3, 4, 5,
16, 17, 18,
19
N.C.
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com