Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5205-2GP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5205-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5205-2GP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5205-2GP Datasheet HTML 4Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 5Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 6Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 7Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 8Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 9Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 10Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 11Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TLE 5205-2
Diagnosis
Data Sheet
8
Rev. 1.1, 2007-07-31
2
Diagnosis
Various errors as listed in the table “Diagnosis” are detected. Short circuits and overload
result in turning off the output stages after a delay
t
dSD and setting the error flag
simultaneously [EF = L]. Changing the inputs to a state where the fault is not detectable
resets the error flag (input toggling) with the exception of short circuit from OUT1 to
OUT2 (load short circuit).
Flag
IN1 IN2 OUT1 OUT2 EF Remarks
Nr.
Open circuit between OUT1 and OUT2
0
0
1
1
0
1
0
1
H
L
L
Z
L
H
L
Z
1
1
1
0
Not detectable
Not detectable
Not detectable
1
2
3
4
Short circuit from OUT1 to OUT2
0
0
1
1
0
1
0
1
V
S/2
V
S/2
L
Z
V
S/2
V
S/2
L
Z
0
0
1
1
Not detectable
Not detectable
5
6
7
8
Short circuit from OUT1 to GND
0
0
1
1
0
1
0
1
GND
GND
GND
GND
L
H
L
L
0
1
1
1
Not detectable
Not detectable
Not detectable
9
10
11
12
Short circuit from OUT2 to GND
0
0
1
1
0
1
0
1
H
L
L
L
GND
GND
GND
GND
1
0
1
1
Not detectable
Not detectable
Not detectable
13
14
15
16
Short circuit from OUT1 to
V
S
0
0
1
1
0
1
0
1
V
S
V
S
V
S
V
S
L
H
H
H
1
0
0
1
Not detectable
Not detectable
17
18
19
20
Short circuit from OUT2 to
V
S
0
0
1
1
0
1
0
1
H
L
H
H
V
S
V
S
V
S
V
S
0
1
0
1
Not detectable
Not detectable
21
22
23
24
Overtemperature or undervoltage
0
0
1
1
0
1
0
1
Z
Z
Z
Z
Z
Z
Z
Z
0
0
0
0
25
26
27
28
IN:
0 = Logic LOW
1 = Logic HIGH
OUT: Z = Output in tristate condition
=
V
S /2 due to internal Pull-up/down resistors
EF:
1 = No error
0 = Error
L = Output in sink condition
H = Output in source condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com