Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6209R_10 Datasheet HTML 11Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 12Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 13Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 14Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 15Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 16Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 17Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 18Page - Infineon Technologies AG TLE6209R_10 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TLE 6209 R
Data Sheet, Version 3.2
15
2010-09-10
Outputs OUT1-2
Static Drain-Source-On Resistance
Source (High-Side)
I
OUT = – 3 A
R
DS ON H
140
170
m
Ω
5.2 V <
V
S < 40 V
T
j = 25 °C;
C
DRV = 33 nF
280
m
Ω
5.2 V <
V
S < 40 V
CDRV = 33 nF
Sink (Low-Side)
I
OUT = 3 A
R
DS ON L
130
160
m
Ω
5.2 V <
V
S < 40 V
T
j = 25 °C;
C
DRV = 33 nF
270
m
Ω
5.2 V <
V
S < 40 V
C
DRV = 33 nF
Clamp Diodes Forward Voltage
Upper
V
FU
1.0
1.5
V
I
F = 3 A
Lower
V
FL
1.0
1.5
V
I
F = 3 A
3.3
Electrical Characteristics (cont’d)
8 V <
V
S < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
– 40
°C < T
j < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com