Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6230GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6230GP
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6230GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6230GP_09 Datasheet HTML 1Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 2Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 3Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 4Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 5Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet TLE 6230 GP
V2.3
Page
18. Nov. 2009
3
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
GND
Ground
2
NC
not connected
3
NC
not connected
4
OUT1
Power Output Channel 1
5
OUT2
Power Output Channel 2
6
IN1
Input Channel 1
7
IN2
Input Channel 2
8
VS
Supply Voltage
9
RESET
Reset
10
CS
Chip Select
11
PRG
Program (inputs high or low-active)
12
IN3
Input Channel 3
13
IN4
Input Channel 4
14
OUT3
Power Output Channel 3
15
OUT4
Power Output Channel 4
16
NC
not connected
17
NC
not connected
18
GND
Ground
19
GND
Ground
20
NC
not connected
21
NC
not connected
22
OUT5
Power Output Channel 5
23
OUT6
Power Output Channel 6
24
NC
not connected
25
NC
not connected
26
FAULT
General Fault Flag
27
SO
Serial Data Output
28
SCLK
Serial Clock
29
SI
Serial Data Input
30
NC
not connected
31
NC
not connected
32
OUT7
Power Output Channel 7
33
OUT8
Power Output Channel 8
34
NC
not connected
35
NC
not connected
36
GND
Ground
Heat Slug internally connected to ground pins
GND
1
•
36
GND
NC
2
35
NC
NC
3
34
NC
OUT1
4
33 OUT8
OUT2
5
32 OUT7
IN1
6
31
NC
IN2
7
30
NC
VS
8
29
SI
RESET
9
28 SCLK
CS
10
27
SO
PRG
11
26 FAULT
IN3
12
25
NC
IN4
13
24
NC
OUT3
14
23 OUT6
OUT4
15
22 OUT5
NC
16
21
NC
NC
17
20
NC
GND
18
19
GND
Power SO 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com