Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6230GP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6230GP
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6230GP Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6230GP_09 Datasheet HTML 1Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 2Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 3Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 4Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 5Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet TLE 6230 GP
V2.3
Page
18. Nov. 2009
1
Smart Octal Low-Side Switch
Features
Product Summary
• Short Circuit Protection
• Overtemperature Protection
• Overvoltage Protection
• 16 bit Serial Data Input and Diagnos-
tic Output (2 bit/ch. acc. SPI protocol)
• Direct Parallel Control of Four Channels for PWM Applications
• Parallel Inputs High or Low Active Programmable
• General Fault Flag
• Low Quiescent Current
• Compatible with 3,3 V Micro Controllers
• Electostatic Discharge (ESD) Protection
• Green Product (RoHS compliant)
• AEC Qualified
Application
• µC Compatible Power Switch for 12 V and 24V Applications
• Switch for Automotive and Industrial Systems
• Solenoids, Relays and Resistive Loads
• Robotic Controls
General description
Octal Low-Side Switch in Smart Power Technology (SPT) with a Serial Peripheral Interface (SPI) and
eight open drain DMOS output stages. The TLE 6230 GP is protected by embedded protection func-
tions and designed for automotive and industrial applications. The output stages are controlled via an
SPI Interface. Additionally four channels can be controlled direct in parallel for PWM applications.
Therefore the TLE 6230 GP is particularly suitable for engine management and powertrain systems.
RESET
FAULT
CS
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
88
GND
VS
SO
1
4
IN1
IN2
IN3
IN4
OUT1
OUT8
PRG
VBB
VS
as Ch. 1
as Ch. 1
as Ch. 1
16
GND
Protection
Functions
Supply voltage
VS
4.5 – 5.5
V
Drain source clamping voltage
VDS(AZ)max 55
V
On resistance
RON
0.75
Ω
Output current(all outp.ON equal) ID(NOM)
500
mA
(individually)
1
A
PG-DSO 36


Similar Part No. - TLE6230GP_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
More results

Similar Description - TLE6230GP_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
Smart Octal Low-Side Switch
V1.1 Oct. 2003
logo
Siemens Semiconductor G...
TLE4224-2 SIEMENS-TLE4224-2 Datasheet
215Kb / 8P
Smart Low-Side Switch
logo
Infineon Technologies A...
TDA6230GP INFINEON-TDA6230GP Datasheet
282Kb / 16P
Smart Octal Low-Side Switch Overtemperature Protection
V2.3 18. Nov. 2009
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com