Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7189F Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 14Page - Infineon Technologies AG TLE7189F Datasheet HTML 15Page - Infineon Technologies AG TLE7189F Datasheet HTML 16Page - Infineon Technologies AG TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
TLE7189F
Data Sheet
18
Rev. 2.1, 2007-05-30
Under voltage shut down will not occur when
V
S > 6V, QG < 250nC, fPWM < 25kHz, and the charge pump capacitors
Cxx = 4.7 µF.
5.2.4
Over Voltage Shut Down
The TLE7189F has an integrated over voltage shut down to avoid destruction of the IC at high supply voltages.The
voltage is measured at the Vs and the VDH pin. When one of them or all of them exceed the over voltage shut
down level for more than the specified filter time then the external MOSFETs are switched off. In addition, over
voltage will shut down the charge pumps and will discharge the charge pump capacitors. This results in an under
voltage condition which will be indicated on the ERRx pins. During over voltage shut down the external MOSFETs
and the charge pumps remain off until a reset is performed.
5.2.5
Over Temperature Warning
If the junction temperature is exceeding typ. 155°C an error signal is given as warning. The driver IC will continue
to operate in order not to disturb the application.
The warning is removed automatically when the junction temperature is cooling down.
It is in the responsibility of the user to protect the device against over temperature destruction.
5.2.6
VCC Check
To assure a high level of system safety, the TLE7189F provides an VCC check.
The 5.0V system supply connected to the VS_OA pin is checked by an internally monitoring for over- and under
voltage. An internal filter time is integrated to avoid faulty triggering.
The VCC check is active when the signal on the ENA pin is high and inactive when ENA signal is low (=driver IC
disabled).
In case of under- or over voltage at VS_OA, the VCC check will disable the driver IC and is latched. To restart the
output stages, a reset has to be performed with the ENA pin.
The VCT pin decides about the over voltage and under voltage detection level.
5.2.7
ERR Pins
The TLE7189F has two status pins to provide diagnostic feedback to the µC. The outputs of these pins are 5V
push pull stages, they are either High or Low.
Table 2
Overview of error conditions
Table 3
Behavior at different error conditions
INH
ENA
ERR1
ERR2
Driver conditions
High
High
Low
Low
Under voltage or VCC check error
High
High
Low
High
Over temperature or over voltage
High
High
High
Low
Short circuit detection
High
High
High
High
No errors observed
High
Low
High
High
No errors will be reported
Low
X
Low
Low
ERR output tristate - low secured by pull down
Error condition
restart behavior
Shuts down...
Short circuit detection
Latch, reset must be performed at ENA pin All external Power -MOSFETs
Under voltage
Auto restart
All external Power -MOSFETs
Over voltage
Latch, reset must be performed at ENA pin All external Power -MOSFETs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com