Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7189F Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG TLE7189F Datasheet HTML 24Page - Infineon Technologies AG TLE7189F Datasheet HTML 25Page - Infineon Technologies AG TLE7189F Datasheet HTML 26Page - Infineon Technologies AG TLE7189F Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
23
Rev. 2.1, 2007-05-30
TLE7189F
5.3.1
Electrical Characteristics
Electrical Characteristics - Current sense signal conditioning
V
S = 5.5 to 20V, VVSOA = 5V, Tj = -40 to +150 °C, fPWM < 25kHz, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
Series resistors
R
RS
100
500
1000
Ω
–
5.3.2
Resistor ratio (gain ratio)
R
Rfb/RRS1
5–20
–
–
5.3.3
Resistor ratio (gain ratio)
R
Rfb/RRS2
3–20
–
1k
Ω and 200pF at
VOx
5.3.4
Input differential voltage (ISPx -
ISNx)
V
IDR
-800
–
800
mV
–
5.3.5
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
V
LL1
-800
–
2200
mV
V
S=8 ... 20V
5.3.6
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
V
LL2
-800
–
1500
mV
5.3.7
Input offset voltage of the I-DC link
OpAmp, including drift over
temperature range
V
IO1
-1.58
–
1.28
mV
R
RS=500Ω;
V
CM=0V; VO=1.65V;
V
VRI=1.65V
5.3.8
Input offset voltage of reference
buffer
V
IO2
-3
–2mV
–
5.3.9
VRI input range
V
RI
1.2
–
2.6
V
–
5.3.10
Input bias current
I
IB
-300
–
–
µA
V
CM=0V;
VOx=open
5.3.11
Input bias current of reference
buffer
I
IBRB
0.6
1.4
2.4
µA
V
VRI=1.65V
5.3.12
High level output voltage of VOx
V
OH
4.0
–
4.5
V
V
VRI=1.2 ... 2.6V;
I
Ox=-3mA;
5.3.13
Low level output voltage of VOx
V
OL
-0.1
–
0.2
V
V
VRI=1.2 ... 2.6V;
I
Ox=3mA
5.3.14
Output voltage of VOx
V
OR
1.623
1.65
1.668
V
V
IN(SS)=0V;
Gain=15;
V
VRI=1.65V
5.3.15
Output short circuit current
I
SC
–
–
-5
mA
short to GND
5.3.16
Differential input resistance1)
R
RI
100
––k
Ω
–
5.3.17
Common mode input capacitance1) CICM
––10
pF
10kHz
5.3.18
Common mode rejection ratio at
DC
CMRR =
20*Log((Vout_diff/Vin_diff) *
(Vin_CM/Vout_CM))
CMRR
80
––db
–
5.3.19
Common mode suppression2) with
CMS = 20*Log(Vout_CM/Vin_CM)
Freq =100kHz
Freq = 1MHz
Freq = 10MHz
CMS
–
62
43
33
–db
V
IN=360mV*
sin(2*
π*freq*t);
R
RS=500Ω;
R
Rfb=7500Ω;
V
VRI=1.65, 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com