Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8250GVIO Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
8
Rev. 1.0, 2010-09-03
TLE8250GVIO
Functional Description
4.2
Operation Modes
Two different operation modes are available on TLE8250GVIO. Each mode with specific characteristics in terms
of quiescent current or data transmission. For the mode selection the digital input pin NEN is used. Figure 4
illustrates the different mode changes depending on the status of the NEN pin. After suppling
V
CC and VIO to the
HS CAN transceiver, the TLE8250GVIO starts in Stand-By mode. The internal pull-up resistor is setting the
TLE8250GVIO to Stand-By per default. If the microcontroller is up and running the TLE8250GVIO can change to
operation mode within the time for mode change
t
Mode.
Figure 4
Operation Modes
The TLE8250GVIO has 2 major operation modes:
•
Stand-By mode
•
Normal Operation mode
Table 2
Operating modes
Mode
NEN
Bus Bias
Comments
Normal Operation
“Low”
V
CC/2
Output driver stage is active.
Receiver unit is active.
Stand-By
“High”
Floating
Output driver stage is disabled.
Receiver unit is disabled.
V
CC off
“Low”
or
“High”
Floating
Output driver stage is disabled.
Receiver unit is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com