Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8250GVIO Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
10
Rev. 1.0, 2010-09-03
TLE8250GVIO
Fail Safe Functions
5
Fail Safe Functions
5.1
Short circuit protection
The CANH and CANL bus outputs are short-circuit-proof, either against GND or a positive supply voltage. A
current limiting circuit protects the transceiver against damages. If the device is heating up due to a continuos short
on CANH or CANL, the internal over-temperature protection switches off the bus transmitter.
5.2
Open Logic Pins
All logic input pins have internal pull-up resistor to
V
IO. In case the VIO supply is activated and the logical pins are
open or floating, the TLE8250GVIO enters into the Stand-By mode per default. In Stand-By mode the output driver
stage of the TLE8250GVIO is disabled, the bus biasing is shut off and the HS CAN TLE8250GVIO transceiver will
not influence the data on the CAN bus.
5.3
TxD Time-Out function
The TxD Time-out feature protects the CAN bus against permanent blocking in case the logical signal on the TxD
pin is continuously “Low”. A continuous “Low” signal on the TxD pin can have it’s root cause in a locked-up
microcontroller or a short on the printed circuit board for example. In Normal Operation mode, a logical “Low”
signal on the TxD pin for the time t > tTxD enables the TxD Time-out feature and the TLE8250GVIO disables the
output driver stage (see Figure 5). The receive unit is still active and the data on the bus are still monitored by the
RxD output pin.
Figure 5
TxD Time-Out function
Figure 5 shows the way how the transmission stage is deactivated and activated again. A permanent “Low” signal
on the TxD input pin activates the TxD time-out function and deactivates the transmitter output stage. To release
the transmitter output stage after a TxD time-out event the TLE8250GVIO requires a signal change on the TxD
input pin from logical “Low” to logical “High”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com