Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42754D Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG TLE42754D Datasheet HTML 14Page - Infineon Technologies AG TLE42754D Datasheet HTML 15Page - Infineon Technologies AG TLE42754D Datasheet HTML 16Page - Infineon Technologies AG TLE42754D Datasheet HTML 17Page - Infineon Technologies AG TLE42754D Datasheet HTML 18Page - Infineon Technologies AG TLE42754D Datasheet HTML 19Page - Infineon Technologies AG TLE42754D Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TLE42754
Block Description and Electrical Characteristics
Data Sheet
16
Rev. 1.1, 2008-09-24
5.3
Reset Function
The reset function provides several features:
Output Undervoltage Reset:
An output undervoltage condition is indicated by setting the Reset Output RO to “low”. This signal might be used
to reset a microcontroller during low supply voltage.
Power-On Reset Delay Time:
The power-on reset delay time
t
rd allows a microcontoller and oscillator to start up. This delay time is the time frame
from exceeding the reset switching threshold
V
RT until the reset is released by switching the reset output “RO” from
“low” to “high”. The power-on reset delay time
t
rd is defined by an external delay capacitor CD connected to pin D
charged by the delay capacitor charge current
I
D,ch starting from VD =0V.
If the application needs a power-on reset delay time
t
rd different from the value given in Item 5.3.6, the delay
capacitor’s value can be derived from the specified values in Item 5.3.6 and the desired power-on delay time:
with
•
CD: capacitance of the delay capacitor to be chosen
•
trd,new: desired power-on reset delay time
•
t
rd: power-on reset delay time specified in this datasheet
For a precise calculation also take the delay capacitor’s tolerance into consideration.
Reset Reaction Time:
The reset reaction time avoids that short undervoltage spikes trigger an unwanted reset “low” signal. The reset
reaction rime
t
rr considers the internal reaction time trr,int and the discharge time trr,d defined by the external delay
capacitor
C
D (see typical performance graph for details). Hence, the total reset reaction time becomes:
with
•
trr: reset reaction time
•
trr,int: internal reset reaction time
•
t
rr,d: reset discharge
Reset Output Pull-Up Resistor
R
RO:
The Reset Output RO is an open collector output requiring an external pull-up resistor to a voltage
V
IO, e.g. VQ. In
Table “Electrical Characteristics Reset Function” on Page 19 a minimum value for the external resistor
R
RO
is given for the case it is connected to
V
Q or to a voltage VIO < VQ. If the pull-up resistor shall be connected to a
voltage
V
IO > VQ, use the following formula:
CD
trd new
,
trd
---------------- 47nF
×
=
trr
trd int
,
trr d
,
+
=
RRO
5k
Ω
VQ
----------- V
IO
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com