Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3482 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 3Page - Texas Instruments DAC3482 Datasheet HTML 4Page - Texas Instruments DAC3482 Datasheet HTML 5Page - Texas Instruments DAC3482 Datasheet HTML 6Page - Texas Instruments DAC3482 Datasheet HTML 7Page - Texas Instruments DAC3482 Datasheet HTML 8Page - Texas Instruments DAC3482 Datasheet HTML 9Page - Texas Instruments DAC3482 Datasheet HTML 10Page - Texas Instruments DAC3482 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
– DC SPECIFICATIONS
(1)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY
DNL
Differential nonlinearity
±2
LSB
1 LSB = IOUTFS/2
16
INL
Integral nonlinearity
±4
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
LSB
Offset error
Mid code offset
±0.001
%FSR
Gain error
With external reference
±2
%FSR
With internal reference
±2
%FSR
Gain mismatch
With internal reference
±2
%FSR
Full scale output current
10
20
30
mA
Output compliance range
–0.5
0.6
V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
1.2
V
Reference output current(2)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.6
1.2
1.25
V
External Reference Mode
Input resistance
1
M
Ω
Small signal bandwidth
472
kHz
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
Offset drift
±1
ppm/
°C
With external reference
±15
ppm/
°C
Gain drift
With internal reference
±30
ppm/
°C
Reference voltage drift
±8
ppm/
°C
POWER SUPPLY
AVDD, IOVDD, PLLAVDD
3.14
3.3
3.46
V
CLKVDD, DACVDD, DIGVDD
1.14
1.2
1.26
V
PSRR
Power supply rejection ratio
DC tested
±0.2
%FSR/V
POWER CONSUMPTION
I(AVDD)
Analog supply current(3)
80
85
mA
MODE 1
I(DIGVDD)
Digital supply current
390
450
mA
fDAC = 1.25GSPS, 2x interpolation, Mixer on,
I(DACVDD)
DAC supply current
30
50
mA
QMC on, invsinc on,
I(CLKVDD)
Clock supply current
95
110
mA
PLL enabled, 20mA FS output, IF = 200MHz
P
Power dissipation
882
980
mW
I(AVDD)
Analog supply current(3)
65
mA
MODE 2
I(DIGVDD)
Digital supply current
385
mA
fDAC = 1.25GSPS, 2x interpolation, Mixer on,
I(DACVDD)
DAC supply current
30
mA
QMC on, invsinc on,
I(CLKVDD)
Clock supply current
70
mA
PLL disabled, 20mA FS output, IF = 200MHz
P
Power dissipation
800
mW
(1)
Measured differentially across IOUTP/N with 25
Ω each to GND.
(2)
Use an external buffer amplifier with high impedance input to drive any external load.
(3)
Includes AVDD, PLLAVDD, and IOVDD
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com