Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP006AIYZFT Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP006AIYZFT
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006AIYZFT Datasheet(HTML) 2 Page - Texas Instruments

  TMP006AIYZFT Datasheet HTML 1Page - Texas Instruments TMP006AIYZFT Datasheet HTML 2Page - Texas Instruments TMP006AIYZFT Datasheet HTML 3Page - Texas Instruments TMP006AIYZFT Datasheet HTML 4Page - Texas Instruments TMP006AIYZFT Datasheet HTML 5Page - Texas Instruments TMP006AIYZFT Datasheet HTML 6Page - Texas Instruments TMP006AIYZFT Datasheet HTML 7Page - Texas Instruments TMP006AIYZFT Datasheet HTML 8Page - Texas Instruments TMP006AIYZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TMP006
SBOS518
– MAY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
DESCRIPTION
TWO-WIRE ADDRESS
DESIGNATOR
TMP006YZF
WCSP-8
1,6 mm
× 1,6 mm WCSP
1000XXX
YZF
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
TMP006
MIN
MAX
UNIT
Supply voltage
V+
7
V
Input voltage
ADR1 pins
–0.5
VS + 0.5
V
Input voltage
SDA, SCL, DRDY, ADR0 pins
–0.5
7
V
Input current
10
mA
Operating temperature range
–55
+125
°C
Storage temperature range
–65
+150
°C
Junction temperature (TJ max)
+150
°C
Human body model (HBM)
2000
V
ESD rating:
Charged device model (CDM)
500
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
THERMAL INFORMATION
TMP006YZF
THERMAL METRIC(1)
YZF
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
123.8
θJCtop
Junction-to-case (top) thermal resistance
69
θJB
Junction-to-board thermal resistance
103
°C/W
ψJT
Junction-to-top characterization parameter
4.7
ψJB
Junction-to-board characterization parameter
55
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com