Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP006AIYZFT Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP006AIYZFT
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006AIYZFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP006AIYZFT Datasheet HTML 3Page - Texas Instruments TMP006AIYZFT Datasheet HTML 4Page - Texas Instruments TMP006AIYZFT Datasheet HTML 5Page - Texas Instruments TMP006AIYZFT Datasheet HTML 6Page - Texas Instruments TMP006AIYZFT Datasheet HTML 7Page - Texas Instruments TMP006AIYZFT Datasheet HTML 8Page - Texas Instruments TMP006AIYZFT Datasheet HTML 9Page - Texas Instruments TMP006AIYZFT Datasheet HTML 10Page - Texas Instruments TMP006AIYZFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Pointer
Register
Result
Registers
Configuration
Registers
I/O
Control
Interface
SCL
SDA
DRDY
ADR1
ADR0
TMP006
www.ti.com
SBOS518
– MAY 2011
The TMP006 initially starts up with typical settings consisting of a conversion rate of 1 conversion/second (as
specified in the Electrical Characteristics). The internal structure of the digital interface is shown in Figure 5.
Figure 5. Internal Structure
SERIAL BUS ADDRESS
To communicate with the TMP006, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits and a direction bit that indicates the intent to execute a read or
write operation.
The TMP006 features two address pins to allow up to eight devices to be addressed on a single bus. Table 1
describes the pin logic levels used to properly connect up to eight devices. The state of the ADR0 and ADR1
pins is sampled on every bus communication and should be set before any activity on the interface occurs. The
address pin is read at the start of each communication event.
Table 1. TMP006 Address Pins and Slave Addresses
A1
A0
SMBus ADDRESS
0
0
1000000
0
1
1000011
0
SDA
1000010
1
0
1000100
1
1
1000111
1
SDA
1000110
INTERNAL REGISTERS
The TMP006 contains data registers that hold configuration information, temperature measurement results, and
status information.
Table 2. Register Map(1)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
00h
VOBJECT
V15
V14
V13
V12
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
01h
TAMBIENT
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0
0
02h
Configuration
RST
MOD3
MOD2
MOD1
CR3
CR2
CR1
EN
DRDY
0
0
0
0
0
0
0
FEh
Manufacturer ID
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
FFh
Device ID
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
(1)
Registers in bold are read-only.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com