Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD318C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD318C
Description  Surface Mount High Vitlage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD318C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD318C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD318C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBD318C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MMBD318A / MMBD318C / MMBD318S
350V 225mA
Surface Mount High Vitlage Switching Diode
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
24-Dec-2010 Rev. B
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
RoHS Compliant Product
High Reverse Breakdown Voltage
Ultra high speed Switching
High Conductance
MECHANICAL DATA
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.008 g (approx.)
Mounting Position: Any
MARKING
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Repetitive peak reverse voltage
VRRM
350
V
Working peak reverse voltage
Continuous Reverse voltage
VRWM
VR
300
V
RMS reverse voltage
VR(RMS)
212
V
Forward continuous current
IF
225
mA
Peak repetitive forward current
IFRM
625
mA
@t=1.0μs
4
Non-Repetitive peak forward
surge current
@t=1.0s
IFSM
1
A
Power dissipation
Pd
350
mW
Thermal resistance junction to ambient air
RθJA
357
/W
℃
Operating and storage temperature range
Tj,TSTG
-65 ~ +150
℃
Part Name
MMBD318A
MMBD318C
MMBD318S
Marking
KAD / LD7
KAC / LD8
KAE / LD9
Circuit
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - MMBD318C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBD318C SECOS-MMBD318C Datasheet
659Kb / 2P
Surface Mount High Votlage Switching Diode
More results

Similar Description - MMBD318C

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
Surface Mount High-Voltage Switching Diode
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
MMBD318 SECOS-MMBD318 Datasheet
659Kb / 2P
Surface Mount High Votlage Switching Diode
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
MMBD318 SECOS-MMBD318_15 Datasheet
318Kb / 3P
Surface Mount High Vitlage Switching Diode
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com