Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD318C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD318C
Description  Surface Mount High Vitlage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD318C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBD318C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD318C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBD318C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
MMBD318A / MMBD318C / MMBD318S
350V 225mA
Surface Mount High Vitlage Switching Diode
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
24-Dec-2010 Rev. B
Page 2 of 3
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
350
V
IR=150μA
0.78
0.87
IF=20mA
0.93
1.0
IF =100mA
Forward Voltage
VF
1.03
1.25
mV
IF =200mA
30
100
 
nA
VR=240V
Reverse Current
IR
35
100
μA
VR=240V Tj=150℃
Total capacitance
CT
1.0
5.0
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
50
ns
IF=IR=30mA,
Irr=0.1×IR,RL=100Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com