Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4403
Description  Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
http://www.SeCoSGmbH.com
Elektronische Bauelemente
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
MMBT4403
Any changing of specification will not be informed individual
PNP Silicon
Switching Transistor
01-Jun-2004 Rev. B
Page 1 of 4
MARKING: 2T
MAXIMUM RATINGS* TA=25
unless otherwise noted
℃
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.6
A
PC
Collector Dissipation
0.3
W
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO Ic=-100μA , IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO IC= -1mA ,
IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO IE=-100μA,
IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V , IE=0
-0.1
μ
A
Collector cut-off current
ICEO
VCE=-35 V , IB=0
-0.1
μ
A
Emitter cut-off current
IEBO
VEB=-4V ,
IC=0
-0.1
μ
A
DC current gain
hFE
VCE=-2 V, IC= -150mA
100
300
Collector-emitter saturation voltage
VCE(sat)
IC=-150 mA, IB=-15mA
-0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=- 150 mA, IB=-15mA
-0.95
V
Transition frequency
f T
VCE= -10V, IC= -20mA
f = 100MHz
200
MHz
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4403 TRSYS-MMBT4403 Datasheet
196Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403 FAIRCHILD-MMBT4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403 Datasheet
55Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30058 Rev. 3 - 2
logo
General Semiconductor
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMBT4403 MCC-MMBT4403 Datasheet
88Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
Switching Transistor
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
Switching Transistor
October, 2010 -- Rev. 2
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
Switching transistor
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com