Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4403 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4403
Description  Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4403 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Any changing of specification will not be informed individual
MMBT4403
PNP Silicon
Switching Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 2 of 4
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70 100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Figure 5. Turn−On Time
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Ceb
QT
QA
25°C
100°C
TRANSIENT CHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
70
100
10
20
50
70
100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VBE(off) = 2 V
td @ VBE(off) = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70 100
200
300
500
30
VCC = 30 V
IC/IB = 10
10
20
50
70
100
200
300
500
30
100
20
70
50
200
0.7
7.0
30
IC/IB = 10
IC/IB = 20
IB1 = IB2
ts′ = ts − 1/8 tf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com