Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT5551
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT5551 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT5551 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT5551 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT5551 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
MMBT5551
NPN Silicon
General Purpose Transistor
COLLECTOR
BASE
EMITTER
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Power dissipation
PCM:
0.3 W (Tamb=25 C)
Collector current
ICM:
0.6 A
Collector-base voltage
V(BR)CBO: 180
V
Operating and storage junction temperature r
TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
o
C
o
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
ange
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA, IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0.1mA, IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100
µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=180V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 4V, IC=0
0.1
µA
hFE(1)
VCE= 5V, IC= 1mA
80
hFE(2)
VCE= 5V, IC=10mA
80
250
DC current gain
hFE(3)
VCE= 5V, IC=50mA
30
Collector-emitter saturation voltage
VCE(sat)
IC=50 mA, IB= 5mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= 50 mA, IB= 5mA
1
V
Transition frequency
fT
VCE=10V, IC= 10mA,
f=100MHz
80
MHz
DEVICE MARKING
MMBT5551= G1
01-Jun-2004 Rev. B
Page 1 of 3
C
o
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT5551 FAIRCHILD-MMBT5551 Datasheet
222Kb / 5P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT5551 DIODES-MMBT5551 Datasheet
47Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 4 - 2
logo
ON Semiconductor
MMBT5551 ONSEMI-MMBT5551 Datasheet
97Kb / 6P
High Voltage Transistors
December, 2004 ??Rev. 4
More results

Similar Description - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com