Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT5551
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT5551 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT5551 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT5551 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT5551 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
MMBT5551
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
160
180
200
220
240
260
RESISTANCE (k )
Ω
I
= 1.0 mA
C
Collect or-Cutoff Current
vs. Ambient Temperature
25
50
75
100
125
1
10
50
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 100V
CB
Typical Pulsed Current Gain
vs Collector Current
0.1
0.2
0.5
1
2
5
10
20
50
100
0
50
100
150
200
250
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
Collector-Emitt er Saturation
Voltage vs Collector Current
110
100
200
0
0.1
0.2
0.3
0.4
0.5
I - COLLECTOR CURRE NT (mA)
C
25 °C
- 40 °C
125 °C
β = 10
Base-Emitter Saturation
Voltage vs Collector Current
110
100
200
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
β = 10
25 °C
- 40 °C
125 °C
Base Emitter ON Voltage vs
Collector Current
0.1
1
10
100 200
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
V
= 5V
CE
25 °C
- 40 °C
125 °C
01-Jun-2004 Rev. B
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com