Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8940IP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8940IP
Description  5V Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation LX8940IP Datasheet HTML 5Page - Microsemi Corporation LX8940IP Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LX8940
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.3a, 2005-11-18
5V Low Dropout Regulator
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C to +125°C for the LX8940IP
and 0°C to +125°C for LX8940CP; VIN = 10V, IO = 1A, COUT = 22µF, and for DC characteristics only. Low duty cycle pulse testing
techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
LX8940
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SECTION HEADER
Output Voltage
VO
IO = 0A, TA = 25°C
4.85
5
5.15
V
Line Regulation
∆VOI
7V < VIN < 26, IO =5mA
1
50
mV
Load Regulation
∆VOL
50mA < IO < 1A
10
50
mV
Output Impedance (Note 3)
rO
100mADC and 20mARMS, fO = 120Hz
200
mΩ
IO < 5mA, 7 < VIN < 26V
3
15
mA
IO = 500mA
30
50
mA
Quiescent Current
IQ
IO = 1000mA
115
180
mA
Output Noise Voltage (Note 3)
VORMS
10Hz – 100kHz, IO = 5mA
150
µVRMS
Long Term Stability (Note 3)
20
mV /
1000hr
Ripple Rejection (Note 3)
RR
fO = 120Hz, 1VRMS, IO = 100mA
66
dB
IO = 100mA
150
300
mV
IO = 500mA
275
500
mV
Dropout Voltage
∆V
IO = 1A
400
800
mV
Current Limit
ICL
VIN = 26V
1
1.2
A
Maximum Operational Input
Voltage
VIN(MAX)
26
31
V
Maximum Line Transient
VIN(TR)
RO = 100Ω, T < 100mS
60
V
Note 3: These parameters, although guaranteed, are not tested in production.
SIMPLIFIED BLOCK DIAGRAM
Overvoltage
Thermal
Shutdown
1
Regulator
Bias
1.23V
Reference
+
_
2
3
Input
Voltage
C1
0.1µF
C2
10µF
Output
Voltage
LX8940
Input
Output
GND
* Required if regulator is located far from power supply filter
Figure 1 –
Simplified Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com