Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8940IP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8940IP
Description  5V Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation LX8940IP Datasheet HTML 5Page - Microsemi Corporation LX8940IP Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LX8940
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.3a, 2005-11-18
5V Low Dropout Regulator
TM
®
DESCRIPTION
The LX8940 is a 5V, low dropout,
low quiescent current regulator rated
for 1A of output current. It can
regulate with as low as 0.4V
headroom between the input and
output voltages, thus minimizing
power dissipation. In addition, it can
be used in applications where worst
case supplies require a low input-output
differential to maintain regulation. This
feature makes it ideal for computer
monitors that have to comply with
energy-efficient / "Green PC" programs,
where the input voltage drops to only a
few tenths of a volt above the output
when power supply enters sleep-mode
operation.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
Part
VIN
OUT
GND
LX8940
0.1µF
10µF
5V / 100mA
5.3V
KEY FEATUR ES
2% Internally Trimmed Output
Output Current In Excess Of
1A
Input-Output Differential Less
Than 0.4V At 1A
Reverse Battery Protection
60V Load Dump Protection
-50V Reverse Transient
Protection
Short Circuit Protection
Internal Thermal Overload
Protection
Available In 3-Lead Plastic TO-
220
Drops In Most lM2940 Sockets
APPLI C ATION S
Small Headroom Battery
Applications
High Efficiency Linear
Regulators
Post Regulators For Switching
Power Supplies
Green PC Monitor Applications
T
A = 25°C
C
O = 47µF Electrolytic
C
IN = 1µF
V
IN = 5.3V
Load Transient Response
5.00V
4.98V
100mA
0mA
125°C
25°C
-40°C
600
500
400
300
200
100
0
100
500
1000
Output Current (mA)
Dropout Voltage vs. Output
Current v.s Temperature
Time (20µS / Div.)
PACKAGE ORDER INFO
P
Plastic TO-220
3-Pin
TA (°C)
RoHS Compliant / Pb-free
Transition DC: 0543
0 to 125
LX8940CP
-40 to 125
LX8940IP
Note: Available in Tape & Reel. Append the letters “TR” to the part
number. (i.e. LX8940IP-TR)


Similar Part No. - LX8940IP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940IP MICROSEMI-LX8940IP Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
More results

Similar Description - LX8940IP

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
5V~12V 1A Low Dropout Regulator
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com