Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1844 Datasheet(PDF) 5 Page - Seme LAB

Part # IP1844
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1844 Datasheet(HTML) 5 Page - Seme LAB

  IP1844 Datasheet HTML 1Page - Seme LAB IP1844 Datasheet HTML 2Page - Seme LAB IP1844 Datasheet HTML 3Page - Seme LAB IP1844 Datasheet HTML 4Page - Seme LAB IP1844 Datasheet HTML 5Page - Seme LAB IP1844 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LAB
SEME
IP1844 SERIES
IP1845 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
APPLICATIONS INFORMATION
V - Pin 4
(Pin 7 for 14 Pin D Package)
8
4
5
GND
REF
V
RC
TT
C T
R T
Internal Clock
Internal Clock
Output – Max. Duty Cycle
V - Pin 6
(Pin 10 for 14 Pin D Package)
Output – Max. Duty Cycle
V - Pin 6
(Pin 10 for 14 Pin D Package)
V - Pin 4
(Pin 7 for 14 Pin D Package)
LARGE
SMALL
R T
C T
LARGE
SMALL
R T
C T
Oscillator Waveforms and Maximum Duty Cycle
Oscillator timing capacitor CT is charged by VREF through RT and discharged by an
internal current source. During the discharge time, the internal clock signal blanks the
output to the low state. Selection of RT and CT therefore determines both oscillator
frequency and maximum duty cycle.
Charge and discharge times are determined by the formulae:
tc ≈ 0.55 RTCT
td ≈ RTCT Rn
1
Resultant frequency f =
(tc + td)
For RT > 5kΩ,
1.8
Resultant frequency f
≈
(RTCT)
.0063 RT – 2.3
.0063 – 4
(
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com