Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1844 Datasheet(PDF) 6 Page - Seme LAB

Part # IP1844
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1844 Datasheet(HTML) 6 Page - Seme LAB

  IP1844 Datasheet HTML 1Page - Seme LAB IP1844 Datasheet HTML 2Page - Seme LAB IP1844 Datasheet HTML 3Page - Seme LAB IP1844 Datasheet HTML 4Page - Seme LAB IP1844 Datasheet HTML 5Page - Seme LAB IP1844 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LAB
SEME
IP1844 SERIES
IP1845 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
Open–Loop Laboratory Test Fixture
.01
.02
.04
.07
.1
.2
.4
.7
1.0
4
3
2
1
0
60
40
20
0
100
80
10
1k
100
10k
10M
100k
1M
.05
.5
.03
.3
OUTPUT CURRENT, SOURCE / SINK (A)
FREQUENCY (Hz)
OUTPUT SATURATION CHARACTERISTICS
ERROR AMPLIFIER OPEN-LOOP
FREQUENCY RESPONSE
V
= 15V
CC
T = 25˚C
A
A
V
B
SOURCE SAT
V -
)
CC VOH
S INK SAT (V
)
OL
(
A
T = –55˚C
–45
–90
–135
–180
0
TYPICAL PERFORMANCE CHARACTERISTICS
APPLICATIONS INFORMATION
High peak current associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should
be connected close to pin 5 in a single point ground. The transistor and 5K potentiometer are used to sample the oscillator wave
form and apply an adjustable ramp to pin 3.
0.1
µF
1k
Ω
1kW
1k
Ω
ERROR AMP
ADJUST
4.7k
Ω
5k
Ω
ADJUST
4.7k
Ω
100k
Ω
2N2222
I
SENSE
R
T
C
T
0.1
µF
VREF
VCC
OUTPUT
GROUND
1
2
45
7
8
36
I
SENSE
VREF
VCC
O/P
GND
COMP
VFB
R
T /C T
0
20
15
10
0.5
0
10
515
20
0
20
15
10
0.5
0
5
2.5
7.5
10
UNDER VOLTAGE LOCKOUT
1844 SERIES
UNDER VOLTAGE LOCKOUT
1845 SERIES
V
(V)
CC
V
(V)
CC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com