Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDF920NE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDF920NE
Description  Dual N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDF920NE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDF920NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDF920NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDF920NE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SDF920NE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDF920NE
11A, 20V, RDS(ON) 22 m
Dual N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
20-Apr-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide low
RDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,.
printers, PCMCIA cards, cellular and cordless
telephones
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low thermal impedance copper leadframe DFN2x5
saves board space
Fast switching speed
High performance trench technology
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN2x5
5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
1
TA = 25°C
ID
11
A
TA = 70°C
8.5
A
Pulsed Drain Current
2
IDM
±40
A
Continuous Source Current (Diode Conduction)
1
IS
3.1
A
Total Power Dissipation
1
TA = 25°C
PD
3.5
W
TA = 70°C
1.8
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Maximum Junction-to-Ambient
1
t≦10 sec
RθJA
36
°C / W
Steady State
76
°C / W
Notes
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.70
0.80
I
2.00 BSC
B
0.00
0.06
J
1.30
1.55
C
0.10
0.20
K
2.60
2.86
D0°
12°
L
1.67 BSC
E
5.00 BSC
M
0.15 BSC
F
4.50 BSC
N
0.40
0.60
G
0.50 BSC
O
0.00
0.10
H
0.20
0.30
DFN2x5
B
C
A
I
J
K
L
M
N
O
E
D
F
G
H
2KV


Similar Part No. - SDF920NE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDF920NE SECOS-SDF920NE_15 Datasheet
758Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SDF920NE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SDF920NE SECOS-SDF920NE_15 Datasheet
758Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
logo
KODENSHI_AUK CORP.
SNA3100L10NL KODENSHI-SNA3100L10NL Datasheet
375Kb / 8P
Dual N-Ch Enhancement Mode MOSFET
SNA3100L10NN KODENSHI-SNA3100L10NN Datasheet
398Kb / 8P
Dual N-Ch Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSPRD4228-C SECOS-SSPRD4228-C Datasheet
353Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
SST6318-C SECOS-SST6318-C Datasheet
492Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
SUM138K-C SECOS-SUM138K-C Datasheet
552Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
STT3998N-C SECOS-STT3998N-C Datasheet
371Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com