Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDF920NE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SDF920NE
Description  Dual N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDF920NE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SDF920NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDF920NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDF920NE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SDF920NE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDF920NE
11A, 20V, RDS(ON) 22 m
Dual N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
20-Apr-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Condition
Static
Gate Threshold Voltage
VGS(th)
0.5
-
-
V
VDS=VGS, ID=250μA
Gate-Body Leakage Current
IGSS
-
-
±10
μA
VDS=0, VGS= ±12V
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS=16V, VGS=0
-
-
30
VDS=16V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(on)
20
-
-
A
VDS=5V, VGS=4.5V
Drain-Source On-Resistance
1
RDS(ON)
10
18
22
mΩ
VGS=4.5V, ID=6.7A
10.5
19
23
VGS=4V, ID=5.6A
11
23
28
VGS=2.5V, ID=4.5A
Forward Transconductance
1
gfs
-
22
-
S
VDS=15V, ID=6A
Diode Forward Voltage
VSD
-
0.7
-
V
IS=0.5A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
9.2
-
nC
ID=6A, VDS=10V, VGS=4.5V
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain Charge
Qgd
-
2.8
-
Turn-On Delay Time
Td(on)
-
1.7
-
nS
VDD=10V, VGEN=4.5V
ID=1A, RL=15Ω
Rise Time
Tr
-
2.3
-
Turn-Off Delay Time
Td(off)
-
1.1
-
Fall Time
Tf
-
4.4
-
Notes
1.
Pulse test:PW ≦ 300μs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com