Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG0410 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG0410
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG0410 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG0410 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG0410 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG0410 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG0410 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG0410
N-Ch Enhancement Mode Power MOSFET
3.8 A, 100 V, RDS(ON) 158 m
Elektronische Bauelemente
01-Jun-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G

Gate

Source
Drain

DESCRIPTION
The SSG0410 provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications such as DC/DC converters.
FEATURES
Simple Drive Requirement
Low Gate Charge
Fast Switching Characteristic
MARKING
MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
3
ID @ TA = 25°C
3.8
A
ID @ TA = 70°C
3.0
A
Pulsed Drain Current
1
IDM
8
A
Total Power Dissipation
PD
2.5
W
Linear Derating Factor
0.02
W / °C
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Thermal Resistance Junction-ambient
3 (Max.)
RθJA
50
°C / W
SOP-8
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
0410SC


1
S
S
S
G
D
D
D
D
= Date Code
2
3
4
5
6
7
8


Similar Part No. - SSG0410

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SSG0410 DOINGTER-SSG0410 Datasheet
1Mb / 6P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSG0410 VBSEMI-SSG0410 Datasheet
469Kb / 9P
N-Channel 100 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG0410 SECOS-SSG0410_15 Datasheet
624Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG0410

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com