Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT3463P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3463P
Description  P-Channel Enhancement Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3463P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3463P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3463P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STT3463P
-3 A, -60 V, RDS(ON) 155 m
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
08-Apr-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize
a high cell density process. Low RDS(on) assures minimal
power loss and conserves energy, making this device
ideal for use in power management circuitry.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Miniature TSOP-6 surface mount package saves
board space.
High power and current handling capability.
Extended VGS range (±25) for battery pack
applications.
APPLICATION
PWMDC-DC converters, power management
in portable and battery-powered products such as computers,
printers, battery charger, telecommunication power system,
and telephones power system.
PACKAGE INFORMATION
Package
MPQ
Leader Size
TSOP-6
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA= 25°C
ID
-3.0
A
TA= 70°C
-2.4
Pulsed Drain Current
2
IDM
-15
A
Continuous Source Current (Diode Conduction)
1
IS
-1.7
A
Power Dissipation
1
TA= 25°C
PD
2.0
W
TA= 70°C
1.3
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
Thermal Resistance Ratings
Maximum Junction to Ambient
1
t ≦ 5 sec
RJA
62.5
°C / W
110
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
D
G
DD
D
S
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6


Similar Part No. - STT3463P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3463P VBSEMI-STT3463P Datasheet
445Kb / 9P
P-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3463P SECOS-STT3463P_15 Datasheet
541Kb / 4P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - STT3463P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com