Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB1608331MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDB1608331MZF
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1608331MZF Datasheet(HTML) 3 Page - Superworld Electronics

  PDB1608331MZF Datasheet HTML 1Page - Superworld Electronics PDB1608331MZF Datasheet HTML 2Page - Superworld Electronics PDB1608331MZF Datasheet HTML 3Page - Superworld Electronics PDB1608331MZF Datasheet HTML 4Page - Superworld Electronics PDB1608331MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
11.05.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
PDB1608 SERIES
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
T EMPERATURE RISE CURVE VS. CURRENT
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
0A
0.4A
0.8A
1.15A
1.6A
2.0A
DC CURRENT( A)
DC CURRENT (A)
INDUCTANCE CURVE VS. CURRENT
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0A
0.5A
1.15A
1.5A
2A
2.5A
3A
DC CURRENT( A)
DC CURRENT (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com