Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB1608331MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PDB1608331MZF
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1608331MZF Datasheet(HTML) 1 Page - Superworld Electronics

  PDB1608331MZF Datasheet HTML 1Page - Superworld Electronics PDB1608331MZF Datasheet HTML 2Page - Superworld Electronics PDB1608331MZF Datasheet HTML 3Page - Superworld Electronics PDB1608331MZF Datasheet HTML 4Page - Superworld Electronics PDB1608331MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P D B 1 6 0 8 1 R 0 M Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R0 = 1.0uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
2.92 Max.
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Wire
(b) Base
(c) Ink
(d) Epoxy
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +125°C
b) L/L0A : 10% Typ. at Idc
a) Test Frequency : 100KHz, 0.1Vrms, 0Adc
PDB1608 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
11.05.2010
PCB Pattern
3.94 Ref.
DE
G
4.32 Ref.
1.27 Ref.
4.45 Max.
6.60 Max.
G
B
C
I
J
I
1.40 Ref.
4.06 Ref.
HI
J
3.56 Ref.
Unit:m/m
d
b
a
1.02 Ref.
F
c
(f)
(f) F : RoHS Compliant
Epoxy


Similar Part No. - PDB1608331MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1608331MZF SUPERWORLD-PDB1608331MZF Datasheet
448Kb / 4P
SMD POWER INDUCTORS
More results

Similar Description - PDB1608331MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com