Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V751DA40 Datasheet(PDF) 2 Page - Littelfuse

Part # V751DA40
Description  Industrial High Energy Terminal Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751DA40 Datasheet(HTML) 2 Page - Littelfuse

  V751DA40 Datasheet HTML 1Page - Littelfuse V751DA40 Datasheet HTML 2Page - Littelfuse V751DA40 Datasheet HTML 3Page - Littelfuse V751DA40 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Varistor Products
©2009 Littelfuse, Inc.
Revision: October 29, 2009
DA/DB Varistor Series
Industrial High Energy Terminal Varistors > DA/DB Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/da or /db.html for current information.
Note : Average power dissipation of transients not to exceed 2.0W.
DA/DB Series Ratings & Specifications
Part Number
Device Branding
Maximum Rating (85ºC)
Specifications (25ºC)
Continuous
Transient
Varistor Voltage at 1mA
DCTest Current
Maximum
Clamping
Volt V
C at
200A Current
(8/20μs)
Typical
Capaci-
tance f =
1MHz
V
RMS
V
DC
Energy
(2ms)
Peak
Current
8 x 20μs
V
M(AC)
V
M(DC)
W
TM
I
TM
Min
V
NOM
Max
V
C
C
DA
DB
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V131DA40
V131DB40
130
175
270
400001
184
200
228
345
10000
V151DA40
V151DB40
150
200
300
400002
212
240
268
405
8000
V251DA40
V251DB40
250
330
370
40000
354
390
429
650
5000
V271DA40
V271DB40
275
369
400
40000
389
430
473
730
4500
V321DA40
V321DB40
320
420
460
40000
462
510
561
830
3800
V421DA40
V421DB40
420
560
600
40000
610
680
748
1130
3000
V481DA40
V481DB40
480
640
650
40000
670
750
825
1240
2700
V511DA40
V511DB40
510
675
700
40000
735
820
910
1350
2500
V571DA40
V571DB40
575
730
770
40000
805
910
1000
1480
2200
V661DA40
V661DB40
660
850
900
40000
940
1050
1160
1720
2000
V751DA40
V751DB40
750
970
1050
40000
1080
1200
1320
2000
1800
Should transients occur in rapid succession, the
average power dissipation required is simply the energy
(watt- seconds) per pulse times the number of pulses
per second. The power so developed must be within
the specifications shown on the Device Ratings and
Specifications table for the specific device. Furthermore,
the operating values need to be derated at high
temperatures as shown above. Because varistors can only
dissipate a relatively small amount of average power they
are, therefore, not suitable for repetitive applications that
involve substantial amounts of average power dissipation.
Power Dissipation Ratings
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110 120 130 140 15
AMBIENTTEMPERATURE ( oC)
100
90
50
10
O1
T
T1
T2
TIME
Peak Pulse Current Test Waveform
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20 μs Current Waveform:
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
NOTES:
1. Peak current Applies to applications rated up to 115VRMS. Peak
current is 30kA for applications greater than 115V.
2. Peak current applies to applications rated up to 132VRMS. Peak
Current is 30kA for applications greater than 132V.
Figure 1
Figure 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com