Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V751DA40 Datasheet(PDF) 4 Page - Littelfuse

Part # V751DA40
Description  Industrial High Energy Terminal Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751DA40 Datasheet(HTML) 4 Page - Littelfuse

  V751DA40 Datasheet HTML 1Page - Littelfuse V751DA40 Datasheet HTML 2Page - Littelfuse V751DA40 Datasheet HTML 3Page - Littelfuse V751DA40 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Varistor Products
©2009 Littelfuse, Inc.
Revision: October 29, 2009
DA/DB Varistor Series
Industrial High Energy Terminal Varistors > DA/DB Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/da or /db.html for current information.
Product Dimensions (mm)
DA SERIES
Dimensions in millimeters and (inches).
A
4.3mm
(0.170)
15mm (0.59)
“A”DIMENSION:
FILISTER HEAD SCREW - 51mm (2.01)
PAN HEAD SCREW - 53mm (2.09)
23mm 1mm
(0.90 0.04)
57mm
(2.24)
67mm
(2.64)
62mm
(2.44)
M4 INTERNATIONAL
THREAD
4.5mm (0.18)
DB SERIES
60.3
(2.37)
44.45 0.75
(1.75 0.03)
46.8
(1.84)
25.4 0.75
(1.00 0.03)
ALL DIMENSIONS ARE MAXIMUM
EXCEPT WHERE NOTED
HOLES 0.23THRU
BORE 0.370 x 0.370 DP
12.7
(0.50)
6.60
(0.26)
2 HOLES
6.60
(0.26)
41
(1.61)
40.5
(1.6)
1.6
(0.06)
23
(0.90)
12.7
(0.50)
Part Numbering System
VARISTOR
VM(AC)
First Two Significant Digits*
VM(AC)
VM(AC)
VM(AC)
Decade Multiplier*
*Refer to Rating & Specifications table
Example:
130 VM(AC) = 131
DISC SIZE (60mm)
SERIES DESIGNATOR
DA or DB
V XX X DA 40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com