Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F04KA201 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24F04KA201
Description  Silicon Errata and Data Sheet Clarification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24F04KA201 Datasheet HTML 1Page - Microchip Technology PIC24F04KA201 Datasheet HTML 2Page - Microchip Technology PIC24F04KA201 Datasheet HTML 3Page - Microchip Technology PIC24F04KA201 Datasheet HTML 4Page - Microchip Technology PIC24F04KA201 Datasheet HTML 5Page - Microchip Technology PIC24F04KA201 Datasheet HTML 6Page - Microchip Technology PIC24F04KA201 Datasheet HTML 7Page - Microchip Technology PIC24F04KA201 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 2011 Microchip Technology Inc.
DS80474B-page 3
PIC24F04KA201 FAMILY
Silicon Errata Issues
1.
Module: Resets (BOR)
A device Reset may occur if the BOR is disabled
and
immediately
re-enabled
in
software
(RCON<14> is cleared, and then immediately
set).
Work around
It is recommended that several NOP instructions
be added to a BOR disable/enable sequence.
Alternatively, place several instructions or a
short routine between the instructions to disable
and enable the BOR.
Affected Silicon Revisions
2.
Module: Core (Deep Sleep)
Deep Sleep wake-up sources may be ignored if
they occur just prior to entry into Deep Sleep
mode. As a result, the device may enter Deep
Sleep mode when it should not.
Work around
If possible, configure external Deep Sleep
wake-up sources to repeat themselves once. If
the device does enter Deep Sleep, the second
occurrence of the wake-up source will wake the
device.
Alternatively, synchronize the entry into Deep
Sleep with external wake-up sources, where
possible.
Affected Silicon Revisions
3.
Module: Comparator
The maximum value for the input offset voltage
(specification
D300,
VIOFF),
shown
in
Table 26-12 of the Device Data Sheet, has
changed for this silicon revision. The new value
is shown in Table 3 (changes in bold).
Work around
None.
Affected Silicon Revisions
TABLE 3:
COMPARATOR DC SPECIFICATIONS (PARTIAL)
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated by the shaded column in
the following tables apply to the current
silicon revision (A1).
A1
X
A1
X
A1
X
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
VIOFF
Input Offset Voltage
—
20
60
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com