Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F04KA201 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC24F04KA201
Description  Silicon Errata and Data Sheet Clarification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 5 Page - Microchip Technology

  PIC24F04KA201 Datasheet HTML 1Page - Microchip Technology PIC24F04KA201 Datasheet HTML 2Page - Microchip Technology PIC24F04KA201 Datasheet HTML 3Page - Microchip Technology PIC24F04KA201 Datasheet HTML 4Page - Microchip Technology PIC24F04KA201 Datasheet HTML 5Page - Microchip Technology PIC24F04KA201 Datasheet HTML 6Page - Microchip Technology PIC24F04KA201 Datasheet HTML 7Page - Microchip Technology PIC24F04KA201 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 2011 Microchip Technology Inc.
DS80474B-page 5
PIC24F04KA201 FAMILY
8.
Module: Core (Doze Mode)
Operations that immediately follow any manipu-
lations of the DOZE<2:0> or DOZEN bits
(CLDIV<14:11>) may not execute properly. In
particular, for instructions that operate on an
SFR, data may not be read properly. Also, bits
automatically cleared in hardware may not be
cleared if the operation occurs during this
interval.
Work around
Always insert a NOP instruction before and after
either of the following:
•
Enabling or disabling Doze mode by setting
or clearing the DOZEN bit
•
Before or after changing the DOZE<2:0> bits
Affected Silicon Revisions
Data Sheet Clarifications
The following typographic corrections and clarifications
are to be noted for the latest version of the Device Data
Sheet (DS39937B):
1.
Module: Electrical Specifications
(DC Specifications)
Table 26-5 (“BOR Trip Points”) has changed to
reflect the functionality of the LPBOR trip point
(BORV<1:0> = 00), and to make other typo-
graphic
corrections.
The
minimum
and
maximum values for the BOR trip points in
Table 26-5 have changed. The new version of
the table is shown below (changes in bold).
TABLE 26-5:
BOR TRIP POINTS
A1
X
Note:
Corrections are shown in bold. Where
possible, the original bold text formatting
has been removed for clarity.
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
DC19
BOR Voltage on
VDD Transition
BORV = 00
—
—
—
—
Note (1)
BORV = 01
2.92
3
3.25
V
BORV = 10
2.63
2.7
2.92
V
BORV = 11
1.75
1.82 2.01
V
Note 1:
LPBOR re-arms the POR circuit, but does not cause a BOR.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com