Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4080SASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4080SASA
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4080SASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4080SASA Datasheet HTML 1Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 2Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 3Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 4Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 5Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 6Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 7Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 8Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to +80V
RS+, RS- to GND....................................................-0.3V to +80V
OUT to GND.............-0.3V to the lesser of +18V or (VCC + 0.3V)
REF1A, REF1B to GND
(MAX4081 Only)....-0.3V to the lesser of +18V or (VCC + 0.3V)
Output Short Circuit to GND.......................................Continuous
Differential Input Voltage (VRS+ - VRS-) ...............................±80V
Current into Any Pin..........................................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(VCC = VRS+ = 4.5V to 76V, VREF1A = VREF1B = 5V (MAX4081 only), VSENSE = (VRS+ - VRS-) = 0V, RLOAD = 100kΩ, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
Inferred from PSRR test
4.5
76
V
Common-Mode Range
CMVR
Inferred from CMRR test (Note 3)
4.5
76
V
MAX4080
75
190
Supply Current
ICC
VCC = VRS+ = 76V,
no load
MAX4081
103
190
µA
Leakage Current
IRS+, IRS-
VCC = 0V, VRS+ = 76V
0.01
2
µA
Input Bias Current
IRS+, IRS-
VCC = VRS+ = 76V
5
12
µA
MAX4080F/MAX4081F
±1000
MAX4080T/MAX4081T
±250
Full-Scale Sense Voltage (Note 4)
VSENSE
MAX4080S/MAX4081S
±100
mV
MAX4080F/MAX4081F
5
MAX4080T/MAX4081T
20
Gain
AV
MAX4080S/MAX4081S
60
V/V
TA = +25
°C
±0.1
±0.6
TA = -40
°C to +85°C
±1
Gain Accuracy
∆AV
VCC = VRS+ = 48V
(Note 5)
TA = TMIN to TMAX
±1.2
%
TA = +25°C
±0.1
±0.6
TA = -40
°C to +85°C
±1
Input Offset Voltage
VOS
VCC = VRS+ = 48V
(Note 6)
TA = TMIN to TMAX
±1.2
mV
Common-Mode Rejection Ratio
CMRR
VCC = 48V, VRS+ = 4.5V to 76V
100
124
dB
Power-Supply Rejection Ratio
PSRR
VRS+ = 48V, VCC = 4.5V to 76V
100
122
dB
MAX4080F/MAX4081F,
VSENSE = 1000mV
MAX4080T/MAX4081T,
VSENSE = 250mV
OUT High Voltage
(VCC -
VOH)
VCC = 4.5V, VRS+
= 48V, VREF1A =
VREF1B = 2.5V,
IOUT (sourcing) =
+500µA (Note 8)
MAX4080S/MAX4081S,
VSENSE = 100mV
0.15
0.27
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com