Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4080SASA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4080SASA
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4080SASA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4080SASA Datasheet HTML 1Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 2Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 3Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 4Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 5Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 6Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 7Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 8Page - Maxim Integrated Products MAX4080SASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = VRS+ = 4.5V to 76V, VREF1A = VREF1B = 5V (MAX4081 only), VSENSE = (VRS+ - VRS-) = 0V, RLOAD = 100kΩ, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT (sinking) = 10µA
4
15
OUT Low Voltage
VOL
VCC = VRS+ = 48V,
VREF1A = VREF1B =
2.5V, VSENSE =
-1000mV (for
MAX4081 only)
IOUT (sinking) =
100µA
23
55
mV
REF1A = REF1B Input Voltage
Range (MAX4081 Only)
(VREF -
VGND)
Inferred from REF1A rejection ratio,
VREF1A = VREF1B
1.5
6
V
REF1A Input Voltage Range
(MAX4081 Only)
(VREF1A -
VGND)
Inferred from REF1A rejection ratio,
VREF1B = VGND
312
V
REF1A Rejection Ratio
(MAX4081 Only)
VCC = VRS+ = 48V, VSENSE = 0V,
VREF1A = VREF1B = 1.5V to 6V
80
108
dB
REF/REF1A Ratio
(MAX4081 Only)
VREF1A = 10V, VREF1B = VGND,
VCC = VRS+ = 48V (Note 2)
0.497
0.500
0.503
REF1A Input Impedance
(MAX4081 Only)
VREF1B = VGND
250
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com