Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG03JSUSC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG03JSUSC
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG03JSUSC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG03JSUSC Datasheet HTML 1Page - KEC(Korea Electronics) PG03JSUSC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008 .9. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG03JSUSC
Single Line TVS Diode for ESD
Protection in Portable Electronics
Revision No : 2
Protection in Portable Electronics Applications.
FEATURES
・350 Watts peak pulse power (tp=8/20μs)
・Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 34A(tp=8/20μ
s)
・Small package for use in portable electronics.
・Suitable replacement for Multi-Layer Varistors in ESD
protection applications.
・Protects on I/O or power line.
・Low clamping voltage.
・Low leakage current.
APPLICATIONS
・Cell phone handsets and accessories.
・Microprocessor based equipment.
・Personal digital assistants (PDA’s)
・Notebooks, desktops, & servers.
・Portable instrumentation.
・Pagers peripherals.
MAXIMUM RATING (Ta=25℃)
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20μ
s)
PPK
350
W
Peak Pulse Current (tp=8/20μ
s)
IPP
34
A
Operating Temperature
Tj
-55~150
℃
Storage Temperature
Tstg
-55~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
3.3
V
Reverse Breakdown Voltage
VBR
It=1mA
4.0
-
-
V
Reverse Leakage Current
IR
VRWM=3.3V
-
-
125
μ
A
Clamping Voltage
VC
IPP=5A, tp=8/20μs
-
-
8.8
V
IPP=34A, tp=8/20μs
-
-
10.9
Junction Capacitance
CJ
VR=0V, f=1MHz
-
-
500
pF
Marking
CATHODE MARK
21
21
3J
Type Name
Lot No.


Similar Part No. - PG03JSUSC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC_15 Datasheet
549Kb / 2P
Protection in Portable Electronics
More results

Similar Description - PG03JSUSC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05GBUSC KEC-PG05GBUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05TBUL2 KEC-PG05TBUL2 Datasheet
472Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com