Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9646D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9646D
Description  Buffered 4-channel 2-wire bus switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9646D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9646D Datasheet HTML 1Page - NXP Semiconductors PCA9646D Datasheet HTML 2Page - NXP Semiconductors PCA9646D Datasheet HTML 3Page - NXP Semiconductors PCA9646D Datasheet HTML 4Page - NXP Semiconductors PCA9646D Datasheet HTML 5Page - NXP Semiconductors PCA9646D Datasheet HTML 6Page - NXP Semiconductors PCA9646D Datasheet HTML 7Page - NXP Semiconductors PCA9646D Datasheet HTML 8Page - NXP Semiconductors PCA9646D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9646
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 March 2011
2 of 22
NXP Semiconductors
PCA9646
Buffered 4-channel 2-wire bus switch
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9646D
PCA9646
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9646PW
PCA9646
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Simplified block diagram of PCA9646
R4
002aaf367
I2C-BUS
CONTROL
5
7
10
12
4
6
9
11
SC0
SC1
SC2
SC3
SD0
SD1
SD2
SD3
R3
R5
R6
R7
R8
R9
R10
VDD
16
FILTER
1
A0
2
A1
13
A2
14
15
3
SCL
SDA
RESET
R2
R1
2.7 V to 5.5 V
PCA9646
VSS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com