Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9646D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9646D
Description  Buffered 4-channel 2-wire bus switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9646D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9646D Datasheet HTML 9Page - NXP Semiconductors PCA9646D Datasheet HTML 10Page - NXP Semiconductors PCA9646D Datasheet HTML 11Page - NXP Semiconductors PCA9646D Datasheet HTML 12Page - NXP Semiconductors PCA9646D Datasheet HTML 13Page - NXP Semiconductors PCA9646D Datasheet HTML 14Page - NXP Semiconductors PCA9646D Datasheet HTML 15Page - NXP Semiconductors PCA9646D Datasheet HTML 16Page - NXP Semiconductors PCA9646D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PCA9646
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 March 2011
13 of 22
NXP Semiconductors
PCA9646
Buffered 4-channel 2-wire bus switch
The PCA9646 may also be driven in series. Figure 17 shows this configuration. In this
scenario, each of the four outputs of the first device (U2) has six more PCA9646’s
connected to it. Each of those six devices has four outputs, thus giving
4
 7  4 = 112 outputs. If the RESET pin on U2 was also driven from the master, it would
be possible to reproduce this entire structure multiple times, giving a truly massive
address space capability. Such a configuration may be applied to situations such as
display drivers.
Fig 17. PCA9646 series implementation for large I/O fan-out
002aaf378
SCL
SCL
SDA
PCA9646
VDD
SC0
SC1
U2
RESET
5 V
R1
180
Ω
R2
180
Ω
A[2:0]
SD0
SD1
SC2
SC3
SD2
SD3
3
BUS
MASTER
U1
VDD
SCL
SDA
000b
up to seven PCA9646s
on each output pair
(address: 001b to 111b)
structure in
dashed box
repeated
etc.
R4
180
Ω
R3
180
Ω
SCL
SDA
PCA9646
VDD
SC0
SC1
U3
RESET
SD0
SD1
SC2
SC3
SD2
SD3
A[2:0]
3
001b
total output of
4
× 7 × 4 = 112
individually enabled
fully isolated buses,
each with full
capacitance load
(e.g., 400 pF at 1 MHz)
5 V
SCL
SDA
PCA9646
VDD
SC0
SC1
U4
RESET
SD0
SD1
SC2
SC3
SD2
SD3
A[2:0]
3
010b
connect, for example,
8 LED driver ICs,
each with 8 LED
outputs = 7168 LEDs
up to seven devices
(address: 001b to 111b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com