| Electronic Components Datasheet Search |
|
PCF8523 Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8523 Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 66 page ![]() PCF8523 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 3 — 30 March 2011 44 of 66 NXP Semiconductors PCF8523 Real-Time Clock (RTC) and calendar The PCF8523 can act as a slave transmitter and a slave receiver. 8.11.4 Acknowledge The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge cycle. • A slave receiver, which is addressed, must generate an acknowledge cycle after the reception of each byte. • Also a master receiver must generate an acknowledge cycle after the reception of each byte that has been clocked out of the slave transmitter. • The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the related acknowledge clock pulse (set-up and hold times must be taken into consideration). • A master receiver must signal an end of data to the transmitter by not generating an acknowledge cycle on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Acknowledgement on the I2C-bus is shown in Figure 30. Fig 29. System configuration mba605 MASTER TRANSMITTER RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER RECEIVER SDA SCL Fig 30. Acknowledgement on the I2C-bus mbc602 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge data output by transmitter data output by receiver SCL from master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |