Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8593T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8593T
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593T Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8593T Datasheet HTML 1Page - NXP Semiconductors PCF8593T Datasheet HTML 2Page - NXP Semiconductors PCF8593T Datasheet HTML 3Page - NXP Semiconductors PCF8593T Datasheet HTML 4Page - NXP Semiconductors PCF8593T Datasheet HTML 5Page - NXP Semiconductors PCF8593T Datasheet HTML 6Page - NXP Semiconductors PCF8593T Datasheet HTML 7Page - NXP Semiconductors PCF8593T Datasheet HTML 8Page - NXP Semiconductors PCF8593T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1.
General description
The PCF8593 is a CMOS1 clock and calendar circuit, optimized for low power
consumption. Addresses and data are transferred serially via the two-line bidirectional
I2C-bus. The built-in word address register is incremented automatically after each written
or read data byte. The built-in 32.768 kHz oscillator circuit and the first 8 bytes of the RAM
are used for the clock, calendar, and counter functions. The next 8 bytes can be
programmed as alarm registers or used as free RAM space.
2.
Features and benefits
I2C-bus interface operating supply voltage: 2.5 V to 6.0 V
Clock operating supply voltage 1.0 V to 6.0 V at 0
°Cto+70 °C
8 bytes scratchpad RAM (when alarm not used)
Data retention voltage: 1.0 V to 6.0 V
External RESET input resets I2C interface only
Operating current (at fSCL = 0 Hz, 32 kHz time base, VDD = 2.0 V): typical 1 μA
Clock function with four year calendar
Universal timer with alarm and overflow indication
24 hour or 12 hour format
32.768 kHz or 50 Hz time base
Serial input and output bus (I2C-bus)
Automatic word address incrementing
Programmable alarm, timer, and interrupt function
Space-saving SO8 package available
Slave addresses: A3h for reading, A2h for writing
3.
Ordering information
PCF8593
Low power clock and calendar
Rev. 04 — 6 October 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 14.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8593P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8593T
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1


Similar Part No. - PCF8593T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8593T PHILIPS-PCF8593T Datasheet
139Kb / 28P
Low power clock/calendar
1997 Mar 25
More results

Similar Description - PCF8593T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8593 PHILIPS-PCF8593 Datasheet
139Kb / 28P
Low power clock/calendar
1997 Mar 25
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
Low Cost and Low Power I2C RTC Real Time Clock/Calendar
June 15, 2009
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
June 15, 2009
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
Real time clock and calendar
Rev. 1-8 October 2009
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
Real time clock and calendar
Rev. 02-30 September 2010
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
Real time clock and calendar
Rev. 3-26 August 2013
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com