Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8593T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8593T
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8593T Datasheet HTML 6Page - NXP Semiconductors PCF8593T Datasheet HTML 7Page - NXP Semiconductors PCF8593T Datasheet HTML 8Page - NXP Semiconductors PCF8593T Datasheet HTML 9Page - NXP Semiconductors PCF8593T Datasheet HTML 10Page - NXP Semiconductors PCF8593T Datasheet HTML 11Page - NXP Semiconductors PCF8593T Datasheet HTML 12Page - NXP Semiconductors PCF8593T Datasheet HTML 13Page - NXP Semiconductors PCF8593T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
PCF8593
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2010
10 of 35
NXP Semiconductors
PCF8593
Low power clock and calendar
7.7 Timer
The timer (location 07h) is enabled by setting the control and status register to
XX0X X1XX. The timer counts up from 0 (or a programmed value) to 99. On overflow, the
timer resets to 0. The timer flag (LSB of control and status register) is set on overflow of
the timer. This flag must be reset by software. The inverted value of this flag can be
transferred to the external interrupt by setting bit 3 of the alarm control register.
Additionally, a timer alarm can be programmed by setting the timer alarm enable (bit 6 of
the alarm control register). When the value of the timer equals a pre-programmed value in
the alarm timer register (location 0Fh), the alarm flag is set (bit 1 of the control and status
register). The inverted value of the alarm flag can be transferred to the external interrupt
by enabling the alarm interrupt (bit 6 of the alarm control register).
Resolution of the timer is programmed via the 3 LSBs of the alarm control register (see
Figure 11).
Fig 10. Selection of alarm weekdays
765
4321
0
MSB
LSB
013aaa375
memory location 0Eh (alarm_weekday/month)
weekday 0 enabled when set
weekday 1 enabled when set
weekday 2 enabled when set
weekday 3 enabled when set
weekday 4 enabled when set
weekday 5 enabled when set
weekday 6 enabled when set
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com