Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF15AP2CF Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JF15AP2CF
Description  Illuminated Ultra-Thin Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JF15AP2CF Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JF15AP2CF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
J
Series JF
Illuminated Ultra-Thin Process Sealed Tactiles
www.nkk.com
J41
Extremely low profile of .224” (5.7mm) from PCB to top of switch.
Red, green, or yellow LED with spot or full face illumination.
Rubber seal construction prevents contact contamination
and allows automated soldering and cleaning.
Minimal operating force and short stroke
permit light touch operation.
Dome contact gives crisp tactile and
audible feedback to positively indicate
circuit transfer and assures high reliability
and long life.
Space saving body dimensions provide for compact,
side-by-side mounting on a standard grid.
Crimped terminals ensure secure mounting and prevent
dislodging during wave soldering.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Matching indicator available and shown at the end of Section M.
Actual Size
Distinctive Characteristics
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
12 34 56 78 9101112 13
= ON
PC Terminations
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
12 34 56 7
= ON
PC Terminations
Common Bus Matrix
These single pole, single throw switches can be used in a key-
board matrix and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
X-Y Matrix
These single pole, single throw switches can be
arranged on a single-sided PC board matrix
with strapped terminals to achieve an X-Y type
electrical interconnection.
Red = PCB Trace Black = Switch Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com