Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF15AP2CF Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JF15AP2CF
Description  Illuminated Ultra-Thin Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JF15AP2CF Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JF15AP2CF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J
Series JF
Illuminated Ultra-Thin Process Sealed Tactiles
www.nkk.com
J40
Electrical Capacity (Resistive Load)
Low/Logic Level:
50mA @ 24V DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 250V DC
Dielectric Strength:
250V AC minimum for 1 minute minimum
Mechanical Life:
500,000 operations minimum
Electrical Life:
500,000 operations minimum
Nominal Operating Force:
3.0N for flush actuator
2.0N for sculptured actuator
Total Travel:
Flush Actuators .016” (0.4mm); Sculptured Actuator: .031” (0.8mm)
Materials & Finishes
Actuator:
Polyamide for spot illuminated; polycarbonate for full face
Case:
Glass fiber reinforced polyamide
Seal:
Nitrile butadiene rubber
Base:
Glass fiber reinforced polyester
Movable Contact:
Phosphor bronze with silver plating
Stationary Contacts:
Brass with silver plating
Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range:
–25°C through +70°C (–13°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering recommended. See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Switches should not be operated or have any pressure on the actuators during cleaning.
Full face illuminated models suitable only for bottom board spray wash to avoid contamination
of the 2-layered actuator, which may compromise the aesthetics.
Standards & Certifications
The JF Series tactiles have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.
General Specifications


Similar Part No. - JF15AP2CF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JF15AP2CF NKK-JF15AP2CF Datasheet
205Kb / 6P
Ultra-Thin Process Sealed Tactiles
More results

Similar Description - JF15AP2CF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
Ultra-Thin Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
Ultra-Thin Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
Illuminated Ultra-Thin Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
Illuminated Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com