Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85162 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF85162
Description  Universal LCD driver for low multiplex rates
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85162 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF85162 Datasheet HTML 4Page - NXP Semiconductors PCF85162 Datasheet HTML 5Page - NXP Semiconductors PCF85162 Datasheet HTML 6Page - NXP Semiconductors PCF85162 Datasheet HTML 7Page - NXP Semiconductors PCF85162 Datasheet HTML 8Page - NXP Semiconductors PCF85162 Datasheet HTML 9Page - NXP Semiconductors PCF85162 Datasheet HTML 10Page - NXP Semiconductors PCF85162 Datasheet HTML 11Page - NXP Semiconductors PCF85162 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
PCF85162
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2011
8 of 46
NXP Semiconductors
PCF85162
Universal LCD driver for low multiplex rates
Using Equation 3, the discrimination for an LCD drive mode of 1:3 multiplex with
1⁄2 bias is
and the discrimination for an LCD drive mode of 1:4 multiplex with
1⁄2 bias is
.
The advantage of these LCD drive modes is a reduction of the LCD full scale voltage VLCD
as follows:
• 1:3 multiplex (1⁄2 bias):
• 1:4 multiplex (1⁄2 bias):
These compare with
when 1⁄3 bias is used.
It should be noted that VLCD is sometimes referred as the LCD operating voltage.
7.3.1 Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependent on the LCD liquid used. The
RMS voltage, at which a pixel will be switched on or off, determine the transmissibility of
the pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vth(off)) and the other at 90 % relative transmission (at Vth(on)), see
Figure 5. For a good contrast performance, the following rules should be followed:
(4)
(5)
Von(RMS) and Voff(RMS) are properties of the display driver and are affected by the selection
of a, n (see Equation 1 to Equation 3) and the VLCD voltage.
Vth(off) and Vth(on) are properties of the LCD liquid and can be provided by the module
manufacturer.
It is important to match the module properties to those of the driver in order to achieve
optimum performance.
3
1.732
=
21
3
----------
1.528
=
V
LCD
6V
off RMS

2.449V
off RMS

==
V
LCD
43

3
----------------------
2.309V
off RMS

==
V
LCD
3V
off RMS

=
V
on RMS

V
th on

V
off RMS

V
th off




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com