Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85176 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85176 Datasheet HTML 1Page - NXP Semiconductors PCF85176 Datasheet HTML 2Page - NXP Semiconductors PCF85176 Datasheet HTML 3Page - NXP Semiconductors PCF85176 Datasheet HTML 4Page - NXP Semiconductors PCF85176 Datasheet HTML 5Page - NXP Semiconductors PCF85176 Datasheet HTML 6Page - NXP Semiconductors PCF85176 Datasheet HTML 7Page - NXP Semiconductors PCF85176 Datasheet HTML 8Page - NXP Semiconductors PCF85176 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
5 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
TQFP64
(PCF85176H)
TSSOP56
(PCF85176T)
Type
SDA
10
44
input/output I2C-bus serial data line
SCL
11
45
input
I2C-bus serial clock
CLK
13
47
input/output clock line
VDD
14
48
supply
supply voltage
SYNC
12
46
input/output cascade synchronization
OSC
15
49
input
internal oscillator enable
A0 to A2
16 to 18
50 to 52
input
subaddress inputs
SA0
19
53
input
I2C-bus address input
VSS
20
54
supply
ground supply voltage
VLCD
21
55
supply
LCD supply voltage
BP0, BP2,
BP1, BP3
25 to 28
56, 1, 2, 3
output
LCD backplane outputs
S0 to S39
29 to 32, 34 to 47,
49 to 64, 2 to 7
4 to 43
output
LCD segment outputs
n.c.
1, 8, 9, 22 to 24,
33, 48
-
-
not connected; do not
connect and do not use as
feed through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com