Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85176 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 2Page - NXP Semiconductors PCF85176 Datasheet HTML 3Page - NXP Semiconductors PCF85176 Datasheet HTML 4Page - NXP Semiconductors PCF85176 Datasheet HTML 5Page - NXP Semiconductors PCF85176 Datasheet HTML 6Page - NXP Semiconductors PCF85176 Datasheet HTML 7Page - NXP Semiconductors PCF85176 Datasheet HTML 8Page - NXP Semiconductors PCF85176 Datasheet HTML 9Page - NXP Semiconductors PCF85176 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
6 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
7.
Functional description
The PCF85176 is a versatile peripheral device designed to interface any
microprocessor or microcontroller with a wide variety of LCDs. It can directly drive any
static or multiplexed LCD containing up to four backplanes and up to 40 segments.
The possible display configurations of the PCF85176 depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 4. All
of these configurations can be implemented in the typical system shown in Figure 4.
The host microprocessor or microcontroller maintains the 2-line I2C-bus communication
channel with the PCF85176. The internal oscillator is enabled by connecting
pin OSC to pin VSS. The appropriate biasing voltages for the multiplexed LCD waveforms
are generated internally. The only other connections required to complete the system are
the power supplies (VDD, VSS, and VLCD) and the LCD panel chosen for the application.
7.1 Power-On Reset (POR)
At power-on the PCF85176 resets to the following starting conditions:
• All backplane and segment outputs are set to VLCD
• The selected drive mode is: 1:4 multiplex with 1⁄3 bias
• Blinking is switched off
• Input and output bank selectors are reset
• The I2C-bus interface is initialized
• The data pointer and the subaddress counter are cleared (set to logic 0)
Table 4.
Display configurations
Number of:
7-segment alphanumeric
14-segment alphanumeric
Dot matrix
Backplanes
Elements
Digits
Indicator symbols
Characters
Indicator symbols
4
160
20
20
10
20
160 dots (4
× 40)
3
120
15
15
8
8
120 dots (3
× 40)
2
80
10
10
5
10
80 dots (2
× 40)
1
40
5
5
2
12
40 dots (1
× 40)
The resistance of the power lines must be kept to a minimum.
Fig 4.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
tr
2CB
SDA
SCL
OSC
40 segment drives
4 backplanes
LCD PANEL
(up to 160
elements)
PCF85176
A0
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
013aaa071
R
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com